Part Number Hot Search : 
NTE3034A BC547 23000 100100 MNMM02 P4SMA LT1171CQ 2525A
Product Description
Full Text Search
 

To Download PB11400505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
Miniature Power PCB Relay PB
I I I I I I
1pole 10 A, 1 CO or 1 NO contact Environmentally-friendly cadmium-free contacts Class F coil system standard Compact and simple design gives high process security Versions PB1 and PB5: Product in accordance to IEC60335-1 (PB3 on request) RoHS compliant (Directive 2002/95/EC) as per product date code 0346
Applications White goods, small home appliances, heating temperature controllers
F0224-A
Approvals
V REG.-Nr.of121560, Z request E214025 Technical data approved types on
Contact data
Contact configuration Contact set Type of interruption Rated current Rated voltage / max.switching voltage AC Maximum breaking capacity AC Limiting making capacity, max 4 s, duty factor 10% Contact material Mechanical endurance Rated frequency of operation with / without load 1 CO or 1 NO contact single contact micro-disconnection 10 A 240/400 VAC 2500 VA 15 A AgNi 90/10, AgSnO2 5x106 cycles 6/600 min-1 Cycles 20x103 40x103 100x103 30x103 30x103 1x103
Contact ratings Type Load AgNi NO 10 A, 250 VAC, 85C, resistive, 50Hz, EN61810 AgSnO NO 10 A, 250 VAC, 85C, resistive, 50Hz, EN61810 AgNi NO 6 A, 250 VAC, 85C, resistive, 50Hz, EN61810 AgNi CO 10 A/3 A, 250 VAC, 85C, resistive, 50Hz, EN61810 AgNi CO (NO tested), 10 A, 250 VAC, 85C, resistive, 50Hz, EN61810 AgNi CO 10 A/10 A, 250 VAC, 85C, resistive, 50Hz, EN61810
Coil data
PB standard
PB 500 mW
Rated coil voltage range DC coil 5...48 VDC 5...24 VDC Coil power DC coil typ. 360 mW typ. 500 mW Operative range 2 Non-release voltage, % of rated coil voltage 50% Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW Coil versions, DC-coil, 360mW 005 5 3.75 0.5 70+10% 357 006 6 4.5 0.6 100+10% 360 009 9 6.75 0.9 225+10% 360 012 12 9.0 1.2 400+10% 360 018 18 13.5 1.8 900+10% 360 022 22 16.5 2.2 1344+10% 360 024 24 18.0 2.4 1600+10% 360 048 48 36 4.8 6400+10% 360 Coil versions, DC-coil, 500mW 005 5 3. 75 0.5 48+10% 521 006 6 4.5 0.6 69+10% 522 012 12 9 1.2 274+10% 526 024 24 18 2.4 1097+10% 525 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
1
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Miniature Power PCB Relay PB (Continued)
Insulation
PB1..
PB3..
2500 Vrms 1000 Vrms W 3/4 mm IIIa CTI 300 basic functional 250 V 3 230/400 V III
PB5..
PCB layout / terminal assignment
Bottom view on solder pins
Dielectric strength coil-contact circuit open contact circuit Clearance / creepage coil-contact circuit Material group of insulation parts Tracking index of relay base CTI 250 Insulation to IEC 60664-1 Type of insulation coil-contact circuit open contact circuit Rated insulation voltage Pollution degree Rated voltage system Overvoltage category
CTI 250
S0407-AA
Other data
PB standard
PB 500 mW
S0407-AB
RoHS - Directive 2002/95/EC compliant as per product date code 0346 Flammability class according to UL94 V-0 For version PB1, PB5: GWFI to IEC 60695-2-12 W 850C GWIT to IEC 60695-2-13 W 775C Ambient temperature range -40...85C Operate- / release time < 20 ms Bounce time NO / NC contact < 15 ms Vibration resistance (function) NO / NC contact >10/4g >10/8g 30...400Hz 30...400Hz Shock resistance (destruction) 100 g Category of protection RTII - flux proof Mounting pcb Resistance to soldering heat 270C / 10s Relay weight 5.4 g Packaging unit 35/1050 pcs
Dimensions
S0407-AC
S0406-A
Product key Type Version 1 standard version, CTI 250 3 5 500 mW version, CTI 250 Contact configuration 1 1 CO contact 3 Contact material 4 3 AgSnO2 Coil Coil code: please refer to coil versions table Other types on request
PB
high CTI version, CTI 300
1 NO contact AgNi 90/10
Product key PB114005 PB114006 PB114012 PB114024 PB134005 PB134006 PB134012 PB134024 PB314005 PB314006 PB314012 PB314024 PB334005 PB334006 PB334012 PB334024
Version standard CTI 250/class F
Contacts 1 CO contact
Contact material AgNi 90/10
1 NO contact
high CTI version CTI 300
1 CO contact
1 NO contact
Coil 5 VDC 6 VDC 12 VDC 24 VDC 5 VDC 6 VDC 12 VDC 24 VDC 5 VDC 6 VDC 12 VDC 24 VDC 5 VDC 6 VDC 12 VDC 24 VDC
Part number 6-1415029-1 7-1415029-1 8-1415029-1 9-1415029-1 0-1415030-1 1-1415030-1 2-1415030-1 3-1415030-1 4-1415030-1 5-1415030-1 6-1415030-1 7-1415030-1 8-1415030-1 9-1415030-1 0-1415031-1 1-1415031-1
2
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of PB11400505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X